Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM802117 Arkusz danych(PDF) 1 Page - Micrel Semiconductor

Numer części SM802117
Szczegółowy opis  ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802117 Arkusz danych(HTML) 1 Page - Micrel Semiconductor

  SM802117 Datasheet HTML 1Page - Micrel Semiconductor SM802117 Datasheet HTML 2Page - Micrel Semiconductor SM802117 Datasheet HTML 3Page - Micrel Semiconductor SM802117 Datasheet HTML 4Page - Micrel Semiconductor SM802117 Datasheet HTML 5Page - Micrel Semiconductor SM802117 Datasheet HTML 6Page - Micrel Semiconductor SM802117 Datasheet HTML 7Page - Micrel Semiconductor SM802117 Datasheet HTML 8Page - Micrel Semiconductor SM802117 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM802117
ClockWorks
™ GbE (125MHz)
Ultra-Low Jitter, LVPECL
Frequency Synthesizer
ClockWorks is a trademark of Micrel, Inc
RotaryWave is a registered trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2011
M9999-101311-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM802117 is a member of the ClockWorks
™ family of
devices from Micrel and provides an extremely low-noise
timing solution for GbE Ethernet clock signals. It is based
upon a unique patented RotaryWave
® architecture that
provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply
and synthesizes LVPECL output clocks at 125MHz. There
are two differential clock outputs each with it’s own OE pin
allowing them to be disabled independently. The
SM802117 accepts a 25 MHz crystal or LVCMOS
reference clock.
Data sheets and support documentation can be found on
Micrel’s web site at:
HU
www.micrel.com
UH
.
Features
• Generates one or two LVPECL clock outputs at 125MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 125MHz
(1.875MHz to 20MHz): 115fs
• Industrial temperature range (–40°C to +85°C)
• Green, RoHS, and PFOS compliant
• Available in 24-pin 4mm × 4mm QFN package
Applications
• Gigabit Ethernet - PHY
___________________________________________________________________________________________________________
Block Diagram


Podobny numer części - SM802117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Podobny opis - SM802117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com