Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7703EDN Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI7703EDN
Szczegółowy opis  Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7703EDN Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI7703EDN_08 Datasheet HTML 1Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 2Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 3Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 4Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 5Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 6Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 7Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 8Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7703EDN
Document Number: 71429
S-83043-Rev. C, 22-Dec-08
www.vishay.com
1
Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Available
•TrenchFET® Power MOSFETS: 1.8 V Rated
ESD Protected: 4500 V
Ultra-Low Thermal Resistance, PowerPAK®
Package with Low 1.07 mm Profile
APPLICATIONS
Charger Switching
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.048 at VGS = - 4.5 V
- 6.3
0.068 at VGS = - 2.5 V
- 5.3
0.090 at VGS = - 1.8 V
- 4.6
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (V)
Diode Forward Voltage
IF (A)
20
0.48 V at 0.5 A
1.0
1
2
3
4
5
6
7
8
A
A
S
G
K
K
D
D
3.30 mm
3.30 mm
Bottom View
PowerPAK 1212-8
Ordering Information: Si7703EDN-T1-E3 (Lead (Pb)-free)
Si7703EDN-T1-GE3 (Lead (Pb)-free and Halogen-free)
K
A
P-Channel MOSFET
S
D
G
3 k
Ω
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage (MOSFET and Schottky)
VDS
- 20
V
Reverse Voltage (Schottky)
VKA
20
Gate-Source Voltage (MOSFET)
VGS
± 12
± 12
Continuous Drain Current (TJ = 150 °C) (MOSFET)
a
TA = 25 °C
ID
- 6.3
- 4.3
A
TA = 85 °C
- 4.5
- 3.1
Pulsed Drain Current (MOSFET)
IDM
- 20
Continuous Source Current (MOSFET Diode Conduction)a
IS
- 2.3
- 1.1
Average Foward Current (Schottky)
IF
1.0
Pulsed Foward Current (Schottky)
IFM
7
Maximum Power Dissipation (MOSFET)a
TA = 25 °C
PD
2.8
1.3
W
TA = 85 °C
1.5
0.7
Maximum Power Dissipation (Schottky)a
TA = 25 °C
2.0
1.1
TA = 85 °C
1.0
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendationsb,c
260


Podobny numer części - SI7703EDN_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7703EDN VISHAY-SI7703EDN Datasheet
194Kb / 3P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 10-Apr-06
More results

Podobny opis - SI7703EDN_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7705DN VISHAY-SI7705DN Datasheet
55Kb / 6P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 27-Jan-03
SI7703EDN VISHAY-SI7703EDN Datasheet
194Kb / 3P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 10-Apr-06
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com