Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0301N Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części N0301N
Szczegółowy opis  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301N Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  N0301N Datasheet HTML 1Page - Renesas Technology Corp N0301N Datasheet HTML 2Page - Renesas Technology Corp N0301N Datasheet HTML 3Page - Renesas Technology Corp N0301N Datasheet HTML 4Page - Renesas Technology Corp N0301N Datasheet HTML 5Page - Renesas Technology Corp N0301N Datasheet HTML 6Page - Renesas Technology Corp N0301N Datasheet HTML 7Page - Renesas Technology Corp N0301N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D20202EJ1V0DS
2
N0301N
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±16 V, VDS = 0 V
±10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1.0 mA
1.0
2.5
V
Forward Transfer AdmittanceNote
| yfs |
VDS = 10 V, ID = 2.25 A
2.0
S
Drain to Source On-state ResistanceNote
RDS(on)1
VGS = 10 V, ID = 2.25 A
29
36
m
Ω
RDS(on)2
VGS = 4.5 V, ID = 2.25 A
36
50
m
Ω
RDS(on)3
VGS = 4.0 V, ID = 2.25 A
40
130
m
Ω
Input Capacitance
Ciss
VDS = 10 V,
400
pF
Output Capacitance
Coss
VGS = 0 V,
80
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
50
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 2.25 A,
6
ns
Rise Time
tr
VGS = 10 V,
4
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
23
ns
Fall Time
tf
4
ns
Total Gate Charge
QG
VDD = 24 V,
10
nC
Gate to Source Charge
QGS
VGS = 10 V,
1.5
nC
Gate to Drain Charge
QGD
ID = 4.5 A
2.5
nC
Body Diode Forward VoltageNote
VF(S-D)
IF = 4.5 A, VGS = 0 V
0.84
V
Reverse Recovery Time
Trr
IF = 4.5 A, VGS = 0 V,
20
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
μs
7
nC
Note Pulsed
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Podobny numer części - N0301N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
N0301N VBSEMI-N0301N Datasheet
484Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
N0301N RENESAS-N0301N_15 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Podobny opis - N0301N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com