Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM7510C Arkusz danych(PDF) 4 Page - Analog Power

Numer części AM7510C
Szczegółowy opis  N & P-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7510C Arkusz danych(HTML) 4 Page - Analog Power

  AM7510C Datasheet HTML 1Page - Analog Power AM7510C Datasheet HTML 2Page - Analog Power AM7510C Datasheet HTML 3Page - Analog Power AM7510C Datasheet HTML 4Page - Analog Power AM7510C Datasheet HTML 5Page - Analog Power AM7510C Datasheet HTML 6Page - Analog Power AM7510C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Analog Power
AM7510C
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics - N-channel
8. Normalized On-Resistance Vs
Junction Temperature
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
Qg - Total Gate Charge (nC)
ID = 3.8A
VDS = 50V
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
20
40
60
80
100
120
140
160
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 110°C /W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
© Preliminary
4
Publication Order Number:
DS_AM7510C_1A


Podobny numer części - AM7510C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM7500C ANALOGPOWER-AM7500C Datasheet
488Kb / 7P
   P & N-Channel 150-V (D-S)
logo
AiT Semiconductor Inc.
AM7520 AITSEMI-AM7520 Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8R AITSEMI-AM7520J8R Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8VR AITSEMI-AM7520J8VR Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Analog Power
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - AM7510C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AMD510C ANALOGPOWER-AMD510C Datasheet
83Kb / 3P
   P & N-Channel 100-V (D-S) MOSFET
AM1590CE ANALOGPOWER-AM1590CE Datasheet
467Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
AM4514C ANALOGPOWER-AM4514C Datasheet
547Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBA5102M VBSEMI-VBA5102M Datasheet
1,000Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIS902DN VISHAY-SIS902DN_V01 Datasheet
649Kb / 8P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIS590DN VISHAY-SIS590DN Datasheet
303Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5101M VBSEMI-VBA5101M Datasheet
640Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY_V01 Datasheet
286Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5104N VBSEMI-VBA5104N Datasheet
648Kb / 14P
   N- and P-Channel 100-V (D-S) MOSFET
logo
Vishay Telefunken
SI4590DY TFUNK-SI4590DY Datasheet
355Kb / 15P
   N- and P-Channel 100 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com