Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N40G-TA3-B Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 1N40G-TA3-B
Szczegółowy opis  1A, 400V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40G-TA3-B Arkusz danych(HTML) 3 Page - Unisonic Technologies

  1N40G-TA3-B Datasheet HTML 1Page - Unisonic Technologies 1N40G-TA3-B Datasheet HTML 2Page - Unisonic Technologies 1N40G-TA3-B Datasheet HTML 3Page - Unisonic Technologies 1N40G-TA3-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-529.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature
Coefficient
BV
DSS/T
J Reference to 25°C, ID=250µA
0.4
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.7A
4.5
6.8
DYNAMIC PARAMETERS
Input Capacitance
CISS
115 150
pF
Output Capacitance
COSS
20
30
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
3
4
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
4.0
5.5
nC
Gate to Source Charge
QGS
1.1
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=320V, ID=1.8A
(Note 1, 2)
2.1
nC
Turn-ON Delay Time
tD(ON)
7
25
ns
Rise Time
tR
30
70
ns
Turn-OFF Delay Time
tD(OFF)
7
25
ns
Fall-Time
tF
VDD=200V, ID=1.8A, RG=25Ω
(Note 1, 2)
25
60
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
1.4
A
Maximum Body-Diode Pulsed Current
ISM
5.6
A
Drain-Source Diode Forward Voltage
VSD
IS=1.4A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
trr
160
ns
Body Diode Reverse Recovery Charge
QRR
IS=1.8A, VGS=0V, dIF/dt=100A/µs
(Note 1)
0.4
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Podobny numer części - 1N40G-TA3-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
1N40G-TA3-T UTC-1N40G-TA3-T Datasheet
173Kb / 4P
   1 Amps, 400 Volts N-CHANNEL POWER MOSFET
1N40G-TA3-T UTC-1N40G-TA3-T Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Podobny opis - 1N40G-TA3-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
   10.5A, 400V N-CHANNEL POWER MOSFET
3N40 UTC-3N40 Datasheet
198Kb / 6P
   3A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
   4A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com