Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4027 Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 2SC4027
Szczegółowy opis  HIGH-VOLTAGE SWITCHING APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Arkusz danych(HTML) 3 Page - Unisonic Technologies

  2SC4027_12 Datasheet HTML 1Page - Unisonic Technologies 2SC4027_12 Datasheet HTML 2Page - Unisonic Technologies 2SC4027_12 Datasheet HTML 3Page - Unisonic Technologies 2SC4027_12 Datasheet HTML 4Page - Unisonic Technologies 2SC4027_12 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4027
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R209-018.C
SWITCHING TIME TEST CIRCUIT
IB1
IB2
VR
50Ω
INPUT
OUTPUT
-5V
100V
+
+
RB
10IB1= -10IB2=Ic=0.7A
PW=20µs
D.C.≤1%
470µF
100µF
RL
14kΩ


Podobny numer części - 2SC4027_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
More results

Podobny opis - 2SC4027_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com