Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N80L-TF1-T Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 6N80L-TF1-T
Szczegółowy opis  6A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N80L-TF1-T Arkusz danych(HTML) 3 Page - Unisonic Technologies

  6N80L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-500.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
800
V
Breakdown Voltage Temperature Coefficient
BV
DSS/T
J Reference to 25°C, ID=250µA
0.97
V/°C
VDS=800V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=640V, TC=125°C
100
µA
Forward
VGS=+30V, VDS=0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
1.6
2.0
Forward Transconductance
gFS
VDS=50V, ID=3A (Note 1)
5.4
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1010 1310 pF
Output Capacitance
COSS
90
115
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V,
f=1.0MHz
8
11
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
21
30
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=640V, ID=6A
(Note 1, 2)
9
nC
Turn-ON Delay Time
tD(ON)
26
60
ns
Rise Time
tR
65
140
ns
Turn-OFF Delay Time
tD(OFF)
47
105
ns
Fall-Time
tF
VDD=400V, ID=6A, RG=25Ω
(Note 1, 2)
44
90
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6
A
Maximum Body-Diode Pulsed Current
ISM
22
A
Drain-Source Diode Forward Voltage
VSD
IS=6A, VGS=0V
1.4
V
Reverse Recovery Time
trr
615
ns
Reverse Recovery Charge
QRR
IS=6A, VGS=0V,
dIF/dt=100A/µs (Note 1)
5.4
µC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Podobny numer części - 6N80L-TF1-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N80L-TF1-T UTC-6N80L-TF1-T Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results

Podobny opis - 6N80L-TF1-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Rohm
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
   Nch 800V 6A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com