Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD1117-AL-XX-TA3-B-R Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części LD1117-AL-XX-TA3-B-R
Szczegółowy opis  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-AL-XX-TA3-B-R Arkusz danych(HTML) 1 Page - Unisonic Technologies

  LD1117-AL-XX-TA3-B-R Datasheet HTML 1Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 2Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 3Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117-AL-XX-TA3-B-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD1117/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 15
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-006.AG
LOW DROP FIXED AND
ADJUSTABLE POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LD1117/A is a low dropout, 3-terminal positive
voltage regulator designed to provide output current up to
800mA/1A, There are adjustable version (VREF=1.25V) and various
fixed versions.
FEATURES
* Low dropout voltage
* Suitable for SCSI-2 active termination if VOUT set to 2.85V
* Output current up to 0.8A for 1117 and 1.0A for 1117A
* Built-in current limit and over temperature protection
* Available in
±1%(at 25°C) and 2% in all temperature range
* Low current consumption
* Support MLCC
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
LD1117 L-xx-AA3- -
LD1117 G-xx-AA3- -
SOT-223
R: Tape Reel
T: Tube
LD1117 L-xx-AB3- -
LD1117 G-xx-AB3- -
SOT-89
Pin Code 12
3
LD1117 L-xx-TA3- -
LD1117 G-xx-TA3- -
TO-220
A
G O
I
LD1117 L-xx-TF3- -
LD1117 G-xx-TF3- -
TO-220F
B
O G
I
LD1117 L-xx-TN3- -
LD1117 G-xx-TN3- -
TO-252
C
G
I
O
LD1117 L-xx-TQ2- -
LD1117 G-xx-TQ2- -
TO-263
D
I
G O
LD1117 L-xx-TQ3- -
LD1117 G-xx-TQ3- -
TO-263-3
LD1117 L-xx-S08- -
LD1117 G-xx-S08- -
SOP-8
GOOIxOOx
Note: Pin Assignment: I: VIN
O: VOUT
G: GND/ADJ
(1) R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) AA3: SOT-223, AB3: SOT-89, TA3:TO-220,
(3) TF3: TO-220F, TN3: TO-252, TQ2: TO-263,
(3) TQ3: TO-263-3, S08: SOP-8
(4) xx: refer to Marking Information
(5) G: Halogen Free, L: Lead Free
(6) Blank: 800mA, A: 1A
LD1117 L-xx-AA3- -
(1)Packing Type
(2)Pin Assignment
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(6)Current Code


Podobny numer części - LD1117-AL-XX-TA3-B-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Podobny opis - LD1117-AL-XX-TA3-B-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com