Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4951MMTR-G1 Arkusz danych(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Numer części AM4951MMTR-G1
Szczegółowy opis  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4951MMTR-G1 Arkusz danych(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AM4951MMTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4951MMTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4951MMTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Brief
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Jun. 2010
BCD Semiconductor Manufacturing Limited
3
Ordering Information Example
Package
Temperature
Range
Output
Signal
Part Number
Marking ID
Packing
Type
AM4951MM-G1
4951MM-G1
Tube
FG
AM4951MMTR-G1
4951MM-G1
Tape & Reel
AM4951RMM-G1
4951RMM-G1
Tube
MSOP-8
RD
AM4951RMMTR-G1
4951RMM-G1
Tape & Reel
AM4951MP-G1
4951MP-G1
Tube
FG
AM4951MPTR-G1
4951MP-G1
Tape & Reel
AM4951RMP-G1
4951RMP-G1
Tube
PSOP-8
RD
AM4951RMPTR-G1
4951RMP-G1
Tape & Reel
AM4952MM-G1
4952MM-G1
Tube
MSOP-10
-40 to 105
°C
FG & RD
AM4952MMTR-G1
4952MM-G1
Tape & Reel
Detailed information please refer to the relevant datasheet.
Sales Office:
Shanghai
No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based
Industrial Park, 200241, China
Tel : 86-21-24162266
Fax : 86-21-24162277
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
USA
30920 Huntwood Ave. Hayward, CA 94544,
USA
Tel : +1-510-324-2988
Fax : +1-510-324-2788
Shenzhen
Unit A Room 1203, Skyworth Bldg., Gaoxin Ave.1.S.,
Nanshan District, Shenzhen, China
Tel : 86-755-8826 7951
Fax : 86-755-8826 7865


Podobny numer części - AM4951MMTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4951MMTR-G1 BCDSEMI-AM4951MMTR-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4951MMTR-G1 DIODES-AM4951MMTR-G1 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Podobny opis - AM4951MMTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com