Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS5380-FJ Arkusz danych(PDF) 4 Page - Siemens Semiconductor Group

Numer części LS5380-FJ
Szczegółowy opis  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5380-FJ Arkusz danych(HTML) 4 Page - Siemens Semiconductor Group

  LS5380-FJ Datasheet HTML 1Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 2Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 3Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 4Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 5Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 6Page - Siemens Semiconductor Group LS5380-FJ Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
LS 5380, LY 5380, LG 5380


Podobny numer części - LS5380-FJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301 Datasheet
174Kb / 1P
   VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS5301 MICROSS-LS5301 Datasheet
283Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
285Kb / 1P
   N-CHANNEL JFET
More results

Podobny opis - LS5380-FJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com