Zakładka z wyszukiwarką danych komponentów |
|
4N37 Arkusz danych(PDF) 2 Page - Everlight Electronics Co., Ltd |
|
4N37 Arkusz danych(HTML) 2 Page - Everlight Electronics Co., Ltd |
2 / 13 page 6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER Everlight Electronics Co., Ltd. 2 http:\\www.everlight.com Document No:DPC-0000045 Rev. 2 December 28, 2009 4N2X Series 4N3X Series H11AX Series Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Forward current IF 60 mA Peak forward current (t = 10µs) IFM 1 A Reverse voltage VR 6 V 100 mW Input Power dissipation (TA = 25°C) Derating factor (above 100°C) PD 3.8 mW/°C Collector-Emitter voltage VCEO 80 V Collector-Base voltage VCBO 80 V Emitter-Collector voltage VECO 7 V Output Emitter-Base voltage VEBO 7 V 150 mW Power dissipation (TA = 25°C) Derating factor (above 100°C) PC 9.0 mW/°C Total power dissipation Ptot 200 mW Isolation voltage *1 Viso 5000 Vrms Operating temperature Topr -55~+110 °C Storage temperature Tstg -55~+125 °C Soldering temperature *2 Tsol 260 °C Notes *1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6 are shorted together. *2 For 10 seconds. |
Podobny numer części - 4N37 |
|
Podobny opis - 4N37 |