Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N30S(TB)-V Arkusz danych(PDF) 1 Page - Everlight Electronics Co., Ltd

Numer części 4N30S(TB)-V
Szczegółowy opis  6 PIN PHOTODARLINGTON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N30S(TB)-V Arkusz danych(HTML) 1 Page - Everlight Electronics Co., Ltd

  4N30S(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N30S(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000021
Rev. 1
February 5, 2009
TIL113
4NXX Series
H11BX Series
Features:
• 4NXX series: 4N29, 4N30, 4N31, 4N32, 4N33
• H11BX series: H11B1, H11B2, H11B3, H11B255
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Creepage distance >7.62 mm
• Meets or exceeds all JEDEC registered specifications
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approval (No.132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2007798)
Description
The TIL113, 4NXX and H11BX series of devices each
consist of an infrared emitting diode optically coupled to a
photo darlington detector.
They are packaged in a 6-pin DIP package and available
in wide-lead spacing and SMD option.
Schematic
Applications
Low power logic circuits
1
Telecommunications equipment
Portable electronics
Interfacing coupling systems of different potentials and impedances
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base
2
6
5
3
4


Podobny numer części - 4N30S(TB)-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
4N30S FAIRCHILD-4N30S Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Everlight Electronics C...
4N30S1TA-V EVERLIGHT-4N30S1TA-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
4N30S1TB-V EVERLIGHT-4N30S1TB-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Fairchild Semiconductor
4N30SD FAIRCHILD-4N30SD Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
CT Micro International ...
4N30SLT1 CTMICRO-4N30SLT1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Podobny opis - 4N30S(TB)-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com