Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N136M(TB)-V Arkusz danych(PDF) 4 Page - Everlight Electronics Co., Ltd

Numer części 6N136M(TB)-V
Szczegółowy opis  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136M(TB)-V Arkusz danych(HTML) 4 Page - Everlight Electronics Co., Ltd

  6N136M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No
:DPC-0000112
Rev.1
October 4, 2011
6N135 6N136
EL450X series
Transfer Characteristics (TA=0 to 70°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Conditions
Current Transfer
Ratio
6N135
CTR
7
-
50
%
IF = 16mA ,VO = 0.4V,
VCC=4.5V, TA=25°C
6N136
EL4502
EL4503
19
-
50
6N135
5
-
-
IF = 16mA ,VO = 0.4V,
VCC=4.5V
6N136
EL4502
EL4503
15
-
-
Logic Low
Output Voltage
6N135
VOL
-
0.18
0.4
V
IF = 16mA ,IO = 1.1mA,
VCC=4.5V, TA=25°C
6N136
EL4502
EL4503
-
0.25
0.4
IF = 16mA ,IO = 3mA,
VCC=4.5V, TA=25°C
6N135
-
-
0.5
IF = 16mA ,IO = 0.8mA,
VCC=4.5V
6N136
EL4502
EL4503
-
-
0.5
IF=16mA ,IO=2.4mA,
VCC=4.5V


Podobny numer części - 6N136M(TB)-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
6N136M(TB)-V EVERLIGHT-6N136M(TB)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
More results

Podobny opis - 6N136M(TB)-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
   8 PIN SOP HIGH SPEED 1Mbit/s
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com