Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBD10200-G Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBD10200-G
Szczegółowy opis  Chip Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD10200-G Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBD10200-G Datasheet HTML 1Page - Comchip Technology CDBD10200-G Datasheet HTML 2Page - Comchip Technology CDBD10200-G Datasheet HTML 3Page - Comchip Technology CDBD10200-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
voltage
Maximum forward
IF=10.0A
Maxium Forward surge current, 8.3ms
singlehalf sine-wave superimposed on
rate load (JEDEC method)
VR=VRRM TA=25°C
TA=100°C
VR=VRRM
Page 1
QW-BB033
Chip Schottky Barrier Rectifier
REV:A
Comchip Technology CO., LTD.
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJc
TJ
20
20
14
40
40
28
60
60
42
10.0
0.75
150
0.5
50
3.0
80
80
56
150
150
105
V
V
V
A
V
A
mA
°C/W
°C
0.55
1.00
Operating temperature
Storage temperature
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
Dimensions in inches and (millimeters)
D2PAK
Reverse Voltage: 20 to 200 Volts
Forward Current: 10.0 Amp
RoHS Device
CDBD1020-G Thru. CDBD10200-G
1020-G
CDBD
1040-G
CDBD
1050-G
CDBD
1060-G
CDBD
1080-G
CDBD
10150-G
CDBD
50
50
35
Junction to Case
0.402(10.20)
0.386( 9.80)
0.192(4.8)
0.176(4.4)
0.370(9.40)
0.354(9.00)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.055(1.40)
0.024(0.60)
0.016(0.40)
0.055(1.40)
0.047(1.20)
0.185(4.70)
0.169(4.30)
0.012(0.30)
0.004(0.10)
0.108(2.70)
0.092(2.30)
0.046(1.20)
0.032(0.80)
30
30
21
1030-G
CDBD
100
100
70
10100-G
CDBD
10200-G
CDBD
200
200
140
0.85
IR
mA
2
1
3
Maximum Forward rectified current
(See fig. 1)
MaximumReverse
current
Typ.Thermal
resistance
Features
-Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
-Low profile surface mounted application in order to
optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guarding for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free part meets environmental standards of
MIL-STD-19500 /228
Mechanical data
Case: TO-263/D2PAK, molded plastic.
-
Terminals: solderable per MIL-STD-750,
-
method 2026.
Polarity: Indicated by cathode band.
-
-Weight:1.70 gram(approx.).
Weunting Position: Any
-
PIN 1
PIN 3
PIN 2
Maximum Ratings (At Ta=25°C, unless otherwise noted)


Podobny numer części - CDBD10200-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBD10200-HF COMCHIP-CDBD10200-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
More results

Podobny opis - CDBD10200-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com