Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBD8060-HF Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBD8060-HF
Szczegółowy opis  Chip Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD8060-HF Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBD8060-HF Datasheet HTML 1Page - Comchip Technology CDBD8060-HF Datasheet HTML 2Page - Comchip Technology CDBD8060-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
QW-JB027
Chip Schottky Barrier Rectifier
REV: A
Comchip Technology CO., LTD.
3
2=4
Dimensions in inches and (millimeters)
D2PAK
0.413(10.50)
0.394(10.00)
0.114(5.30)
0.098(4.40)
0.370(9.40)
0.327(8.30)
0.059(1.50)
0.031(0.80)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.055(1.30)
0.024(0.60)
0.014(0.35)
0.055(1.40)
0.047(1.20)
0.185(4.70)
0.169(4.30)
0.106(2.70)
0.091(2.30)
Reverse Voltage: 60 to 100 Volts
Forward Current: 8.0 Amp
RoHS Device
CDBD8060-HF Thru. CDBD8100-HF
O
Maximum Ratings (At Ta=25 C, unless otherwise noted)
3
2
1
4
Features
-Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
-Low profile surface mounted application in order to
optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Mechanical data
Polarity: As marked.
-
-Weight:1.46 gram(approx.).
Weunting Position: Any
-
Notes: 1. Pulse Test: 300µS pulse width, 1% duty cycle.
Case: TO-263/D2PAK, Transfer Molded.
-
-Terminals: solderable per MIL-STD-202,
method 208.
-Epoxy: U/L 94-V0 rate flame retardant.
Halogen Free
Parameter
Symbol
Unit
Maximum Recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Forward rectified current (See fig. 1)
Maximum forward voltage at IO
Forward surge current, 8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
Maximum Reverse current at 25°C per leg (Note1)
VRRM
VRMS
VDC
IO
VF
IFSM
IR
TJ
60
42
60
8.0
0.75
175
5.0
50
100
70
100
V
V
V
A
V
A
mA
°C
0.85
Operating temperature range
Storage temperature range
TSTG
4.0
°C
-55 to +150
8060-HF
CDBD
8100-HF
CDBD
IR
mA
RθJC
°C/W
Typical Thermal resistance junction to case Per Leg
-55 to +150
Maximum Reverse current at 100°C per leg (Note1)


Podobny numer części - CDBD8060-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
More results

Podobny opis - CDBD8060-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com