Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL-16E Arkusz danych(PDF) 3 Page - Everlight Electronics Co., Ltd

Numer części SL-16E
Szczegółowy opis  No UV or IR light radiation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SL-16E Arkusz danych(HTML) 3 Page - Everlight Electronics Co., Ltd

  SL-16E Datasheet HTML 1Page - Everlight Electronics Co., Ltd SL-16E Datasheet HTML 2Page - Everlight Electronics Co., Ltd SL-16E Datasheet HTML 3Page - Everlight Electronics Co., Ltd SL-16E Datasheet HTML 4Page - Everlight Electronics Co., Ltd SL-16E Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2011-05-23 14:21:35.0
DATASHEET
RETROFIT
MR16
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 05.11.2011. Issue No: DBM-0000208 _v4
www.everlight.com
Luminance and Technical Data
Product Name
SL-16E/012ADC/B/P04/30/E27/TW
SL-16E/012ADC/B/P04/30/E57/TW
Product Family
Retrofit
Retrofit
Main Use
Office, commercial, residential and hospitality
lighting
Office, commercial, residential and hospitality
lighting
Input Voltage/
12V AC/DC
12V AC/DC
Power
Consumption
4W
4W
Dimability
No
No
Mechanical
Dimensions
Ø49.9 * 50mm
Ø49.9 * 50mm
Maximum Weight
50g
50g
Light Color
Warm white / 2700K
Daylight white / 5700K
Luminous
Flux(Typ.)
190lm
230lm
CBCP (cd)
380
540
Beam Angle
30
°
30
°
CRI
> 80
> 80
Storage
Temperature
-30
~+80
-30
~+80
Luminous Flux measurement tolerance ± 10%
Intensity Distribution


Podobny numer części - SL-16E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
SL-16D EVERLIGHT-SL-16D Datasheet
363Kb / 6P
   No UV or IR light radiation
More results

Podobny opis - SL-16E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
SL-16D EVERLIGHT-SL-16D Datasheet
363Kb / 6P
   No UV or IR light radiation
SL-10A EVERLIGHT-SL-10A Datasheet
370Kb / 5P
   No UV or IR light radiation
SL-60A EVERLIGHT-SL-60A Datasheet
294Kb / 6P
   No UV or IR light radiation
OL-DANGLE-FRAME EVERLIGHT-OL-DANGLE-FRAME Datasheet
308Kb / 3P
   No UV light radiation
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
Hamamatsu Corporation
L7893 HAMAMATSU-L7893 Datasheet
202Kb / 2P
   UV-VIS FIBER LIGHT SOURCE
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
S2592 HAMAMATSU-S2592 Datasheet
132Kb / 4P
   Si photodiode Thermoelectrically cooled photodiode for low-light-level detection in UV to near IR
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com