Zakładka z wyszukiwarką danych komponentów |
|
TIP31C-TA3-T Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
TIP31C-TA3-T Arkusz danych(HTML) 2 Page - Unisonic Technologies |
2 / 3 page TIP31C NPN EXPITAXIAL TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R203-010.D ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 100 V Collector-Emitter Voltage VCEO 100 V Emitter-Base Voltage VEBO 5 V DC 3 A Collector Current Pulse IC 5 A Base Current IB 1 A TO-126 10 W TO-220 40 W Collector Dissipation (TC=25°C) TO-252 PC 15 W Junction Temperature TJ +150 °C Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TC=25°C) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Emitter Sustaining Voltage (Note) BVCEO IC=30mA, IB=0 100 V Collector Cutoff Current ICES VCB=100V, VEB=0 200 μA Collector Cutoff Current ICEO VCE=60V, IB=0 0.3 mA Emitter Cutoff Current IEBO VBE=5V, IC=0 1 mA Collector-Emitter Saturation Voltage (Note) VCE(SAT) IC=3A, IB=375mA 1.2 V Base-Emitter On Voltage (Note) VBE(ON) IC=3A, VCE=4V 1.8 V hFE1 IC=1A, VCE=4V 25 DC Current Gain (Note) hFE2 IC=3A, VCE=4V 10 50 Current Gain Bandwidth Product fT IC=0.5A, VCE=10V f=1MHz 3 MHz Note: Pulse Test: PW≤300μs, Duty Cycle≤2% |
Podobny numer części - TIP31C-TA3-T |
|
Podobny opis - TIP31C-TA3-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |