Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32C-TA3-T Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części TIP32C-TA3-T
Szczegółowy opis  PNP EXPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP32C-TA3-T Arkusz danych(HTML) 3 Page - Unisonic Technologies

  TIP32C-TA3-T Datasheet HTML 1Page - Unisonic Technologies TIP32C-TA3-T Datasheet HTML 2Page - Unisonic Technologies TIP32C-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TIP32C
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R209-017,C
TYPICAL CHARACTERICS
Saturation Voltage vs. Collector Current
-1
-3 -5 -10 -30-50-100 -300 -1000 -3000-10000
-30
-50
-100
-300
-500
-1000
-3000
-5000
-10000
-10
IC=10IB
VBE(SAT)
VCE(SAT)
-4.5
-10
-30
-50 -100
-300
Collector-Emitter Voltage VCE (V)
-0.1
-0.3
-0.5
-1.0
-3.0
-5.0
-10
Sage Operating Area
Collector Current
, IC (mA)
IC MAX. (PULSE)
TIP32C VCEO MAX.
Power Derating
0
50
100
150
200
0
10
20
30
40
Case Temperature, TC(°C)
-1
-3 -5 -10 -30-50 -100 -300 -1000 -3000 -10000
3
5
10
30
50
100
300
500
1000
DC Current Gain
VCE=-4V
Collector Current
, IC (mA)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Podobny numer części - TIP32C-TA3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TIP32C-TN3-R UTC-TIP32C-TN3-R Datasheet
116Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C-TN3-T UTC-TIP32C-TN3-T Datasheet
116Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
More results

Podobny opis - TIP32C-TA3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_15 Datasheet
144Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_05 Datasheet
116Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
   PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
logo
Dongguan Pingjingsemi T...
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
   PNP Silicon Expitaxial Planar Transistor
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
   PNP Silicon Expitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
   PNP Silicon Expitaxial Planar Transistor
logo
Unisonic Technologies
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com