Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL5001L-S08-T Arkusz danych(PDF) 8 Page - Unisonic Technologies

Numer części TL5001L-S08-T
Szczegółowy opis  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-T Arkusz danych(HTML) 8 Page - Unisonic Technologies

Back Button TL5001L-S08-T Datasheet HTML 4Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 11Page - Unisonic Technologies TL5001L-S08-T Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R103-016,D
DETAILED DESCRIPTION(Cont.)
SHORT-CIRCUIT PROTECTION (SCP)
The UTC TL5001 includes short-circuit protection (see Fig. 3), which turns the power switch off to prevent damage
when the converter output is shorted. When activated, The SCP prevents the switch from being turned on until the
internal latching circuit is reset. The circuit is reset by reducing the input voltage until UVLO becomes active or until
the SCP terminal is pulled to ground externally.
When a short circuit occurs, the error-amplifier output at COMP rises to increase the power-switch duty cycle in an
attempt to maintain the output voltage. SCP comparator 1 starts an RC timing circuit when COMP exceeds 1.5V.If
the short is removed and the error-amplifier output drops below 1.5V before time out, normal converter operation
continues. If the fault is still present at the end of the time-out period, the time sets the latching circuit and turns off
the UTC TL5001 output transistor.
2.5V
RSCP 185kΩ
12kΩ
CSCP
SCP
From Error
Amp
1.5V
scp
Comparator 1
Q2
Q1
VREF=1V
scp
Comparator 2
To Output
Drive Logic
Fig. 3 SCP Circuit
5
The timer operates by charging an external capacitor (CSCP),connected between the SCP terminal and ground,
towards 2.5V through a 185k
Ω resistor (RSCP).The circuit begins charging from an initial voltage of approximately
185mV and times out when capacitor voltage reaches 1V.The output of SCP comparator 2 then goes high, turns on
Q2,and latches the timer circuit. The expression for setting the SCP time period is derived from the following
equation:
VSCP =(2.5-0.185)(1-e
-t/
τ)+0.185
Where
ι=RSCPCSCP
The end of the time-out period, tSCP, occurs when VSCP=1V. Solving for CSCP yields:
CSCP=12.46*tSCP
Where
t is in seconds, C in µF
tSCP must be much longer (generally 10 to 15 times) than the converter start-up period or the converter will not
start.
OUTPUT TRANSISTOR
The output of the UTC TL5001 is an open-collector transistor with a maximum collector current rating of 21mA and
a voltage rating of 51V.The output is turned on under the following conditions: the oscillator triangle wave is lower
than both the DTC voltage and the error-amplifier output voltage, the UVLO circuit is inactive, and the short-circuit
protection circuit is inactive.


Podobny numer części - TL5001L-S08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL5001L-S08-T UTC-TL5001L-S08-T Datasheet
254Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
E-Tech Electronics LTD
TL5001L-S08-T ETL-TL5001L-S08-T Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL5001L-S08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com