Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL5001G-D08-T Arkusz danych(PDF) 11 Page - Unisonic Technologies

Numer części TL5001G-D08-T
Szczegółowy opis  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-D08-T Arkusz danych(HTML) 11 Page - Unisonic Technologies

Back Button TL5001G-D08-T Datasheet HTML 5Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 6Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 7Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 8Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 9Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 10Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 11Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 12Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R103-016,D
TYPICAL CHARACTERISTICS
-25
25
75
-50
0
92
50
Ambient Temperature, TA(°C)
100
94
96
90
88
02
4
6
8
1
0.8
3
1
5
Reference Output Voltage
vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
10
1.2
7
1.4
9
2
0.4
0
0.2
0.6
1.8
1.6
10k
1M
Timing Resistance, RT ( )
Oscillator Frequency vs Timing Resistance
100k
1M
10k
100k
VCC=6V
DT Resistance=RT
TA=25°C
98
100
Oscillator Frequency vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k
TA=25°C
FB and COMP
Connected Together
-25
25
75
-50
0
-0.4
50
Ambient Temperature, TA (°C)
100
-0.2
0
-0.6
-0.8
0.2
0.4
Reference Output Voltage Fluctuation
vs Ambient Temperature
VCC=6V
FB and COMP
Connected Together
0.6
10
20
30
0
1
40
1.5
2
0.5
0
RT=100k
TA=25°C
Average Supply Current vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
-25
25
75
-50
0
0.9
50
Ambient Temperature, TA (°C)
100
1
1.1
0.8
0
1.2
1.3
Average Supply Current vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k


Podobny numer części - TL5001G-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL5001G-D08-T UTC-TL5001G-D08-T Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Podobny opis - TL5001G-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com