Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ-10G-B Arkusz danych(PDF) 2 Page - Omron Electronics LLC

Numer części DZ-10G-B
Szczegółowy opis  Common Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10G-B Arkusz danych(HTML) 2 Page - Omron Electronics LLC

  DZ-10G-B Datasheet HTML 1Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 2Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 3Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 4Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 5Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
178
Z/A/X/DZ Common Accessories
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm (±0.8 mm for the AP-Z) applies to all dimensions.
■ Terminal Covers
■ Separator
52.8
25.4
8
6.4
16.3
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-A
Soldering Terminal Use
(Phenol Resin)
Note: The Cover has five thin, easy-to-separate
portions for easy lead wire connections.
53.8
25.4
8
6.5
20.2
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-B
Screw Terminal Use
(Phenol Resin)
Note: The Cover has six thin, easy-to-separate
portions for easy lead wire connections.
54.4
25.4
8
7.2
17.1
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-A
Soldering Terminal Use
(Metal Press Mold)
Note: 1. The Cover has five holes for easy lead wire connections.
2. AP1-A should be used with the AP-A
55.4
25.4
8
7
21
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-B
Screw Terminal Use
(Metal Press Mold)
Note: 1. The Cover has six holes for easy lead wire connections.
2. AP1-B should be used with the AP-B
14
21
53
25.4
21
39
46
7
12
12
14
A'
B'
A
B
Pressure plate
(t1 steel)
Two, 4.2 dia.
M3
20 Phillips screw
(with plane washer and nut)
Nut
15
13
A-A' cross-section
B-B' cross-section
8 dia.
6 dia.
Note: A 6-dia. or 8-dia. cable can be
used by cutting the cable pull-out
hole to the size of the cable to be
used.
Cable Pull-out Dimension
AP-Z
Soldering or Screw Terminal Use
(Vinyl Chloride)
25.4
±0.2
11.9
27
13.5
49.2
±0.5
Two, 4.5 dia.
t = 0.38
Note: The separator’s material is EAVTC (Epoxide Alkyd
Varnished Tetron Cloth) and its heat-resisting
temperature is 130
°C.
SEPARATOR FOR Z


Podobny numer części - DZ-10G-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
DZ-10G-1B OMRON-DZ-10G-1B Datasheet
1Mb / 8P
   Special-purpose Basic Switch
More results

Podobny opis - DZ-10G-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com