Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4150HVBCPZ-RL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADF4150HVBCPZ-RL7
Szczegółowy opis  High Voltage, Fractional-N
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4150HVBCPZ-RL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADF4150HVBCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
High Voltage, Fractional-N/
Integer-N PLL Synthesizer
ADF4150HV
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Fractional-N synthesizer and integer-N synthesizer
High voltage charge pump: VP = 6 V to 30 V
Tuning range: 1.0 V to 29 V (or ±1 V from VP supply rails)
RF bandwidth to 3.0 GHz
Programmable divide-by-1/-2/-4/-8/-16 outputs
Synthesizer power supply: 3.0 V to 3.6 V
Programmable dual-modulus prescaler of 4/5 or 8/9
Programmable output power level
Programmable charge pump currents
RF output mute function
3-wire serial interface
Analog and digital lock detect
APPLICATIONS
Wireless infrastructure
Microwave point-to-point/point-to-multipoint radios
VSAT radios
Test equipment
Private land mobile radios
GENERAL DESCRIPTION
The ADF4150HV is a 3.0 GHz, fractional-N or integer-N
frequency synthesizer with an integrated high voltage charge
pump. The synthesizer can be used to drive external wideband
VCOs directly, eliminating the need for operational amplifiers
to achieve higher tuning voltages. This simplifies design and
reduces cost while improving phase noise, in contrast to active
filter topologies, which tend to degrade phase noise compared
to passive filter topologies.
The VCO frequency can be divided by 1, 2, 4, 8, or 16 to allow
the user to generate RF output frequencies as low as 31.25 MHz.
For applications that require isolation, the RF output stage can be
muted. The mute function is both pin- and software-controllable.
A simple 3-wire interface controls all on-chip registers. The
charge pump operates from a power supply ranging from 6 V to
30 V, whereas the rest of the device operates from 3.0 V to 3.6 V.
The ADF4150HV can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
LD
REFIN
CLK
DATA
LE
AVDD
SDVDD
DVDD
VP
GND
CE
CPGND
SDGND
RSET
RFOUT+
RFOUT
RFIN+
RFIN
PHASE
COMPARATOR
HIGH VOLTAGE
CHARGE
PUMP
OUTPUT
STAGE
RF
INPUT
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
VALUE
N COUNTER
FRACTION
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
VALUE
MULTIPLEXER
LOCK
DETECT
ADF4150HV
DIVIDE-BY-1/
-2/-4/-8/-16
CURRENT
SETTING
BOOST
MODE
Figure 1.


Podobny numer części - ADF4150HVBCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ-RL7 AD-ADF4150BCPZ-RL7 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
More results

Podobny opis - ADF4150HVBCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com