Zakładka z wyszukiwarką danych komponentów |
|
ADN4697E Arkusz danych(PDF) 11 Page - Analog Devices |
|
ADN4697E Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 20 page Data Sheet ADN4691E/ADN4693E/ADN4696E/ADN4697E Rev. A | Page 11 of 20 TEST CIRCUITS AND SWITCHING CHARACTERISTICS DRIVER VOLTAGE AND CURRENT MEASUREMENTS DI NOTES 1. 1% TOLERANCE FOR ALL RESISTORS VOD VTEST 49.9Ω 3.32kΩ + – 3.32kΩ –1V TO +3.4V A/Y B/Z Figure 19. Driver Voltage Measurement over Common-Mode Range DI NOTES 1. C1, C2, AND C3 ARE 20% AND INCLUDE PROBE/STRAY CAPACITANCE LESS THAN 2cm FROM DUT. 2. R1 AND R2 ARE 1%, METAL FILM, SURFACE MOUNT, LESS THAN 2cm FROM DUT. VOC R1 24.9Ω C1 1pF C2 1pF C3 2.5pF R2 24.9Ω A/Y B/Z Figure 20. Driver Common-Mode Output Voltage Measurement S1 S2 VA(O), VB(O), VY(O) OR VZ(O) A/Y VCC R1 1.62kΩ ±1% B/Z DE Figure 21. Maximum Steady-State Output Voltage Measurement S1 DI S2 A/Y B/Z VTEST VCC IOS –1V OR +3.4V Figure 22. Driver Short Circuit NOTES 1. INPUT PULSE GENERATOR: 500kHz; 50% ± 5% DUTY CYCLE; tR, tF ≤ 1ns. 2. VOC(PP) MEASURED ON TEST EQUIPMENT WITH –3dB BANDWIDTH ≥ 1GHz. VOC(PP) ∆VOC(SS) VOC B/Z A/Y ≈ 0.7V ≈ 1.3V Figure 23. Driver Common-Mode Output Voltage (Steady State) |
Podobny numer części - ADN4697E |
|
Podobny opis - ADN4697E |