Zakładka z wyszukiwarką danych komponentów |
|
AM60570-23 Arkusz danych(PDF) 6 Page - Molex Electronics Ltd. |
|
AM60570-23 Arkusz danych(HTML) 6 Page - Molex Electronics Ltd. |
6 / 39 page Hawk Discrete Wire Termination Machine Order No TM-011200949 Release Date: 02-16-97 UNCONTROLLED COPY Page 6 of 39 Revision: D Revision Date: 03-03-11 General Description 1.1 Description The Molex AM-60520E Hawk Discrete Wire Termination Machine was developed to assemble .100 S.L. IDT series (.100 in. centers Insulation Displacement Technology) discrete wire harnesses. An operator loads a cartridge containing preloaded connectors (70400 series) ranging from 2 to 25 circuits. As each connector assembly is completed, the machine automatically loads a new connector into the terminating nest, pushing the previously loaded connector into the next station. Then it inserts the terminals and breaks off the carrier strip. The operator then removes the completed harness, loads a wire (in its proper assembly order), then depresses the foot pedal. The machine then terminates that wire and indexes to the next position. This machine is ideally suited for mid- volume, semi-automatic applications. 1.2 Features Automatic loading and indexing of termination nest Automatic insertion of terminals Automatic break-off of carrier strip 1.3 Technical Specifications Dimensions Press with tooling Height 34.3cm (13.50”) Width 99.1cm (39.00”) Depth 50.8cm (20.00”) Unpacked weight 48.1kg (103.00 lbs.) Power Requirements Voltage: 110V AC or 220V AC 50/60 Hz Current: 2A @ 110V 1A @ 220V Pneumatics Pressure: 5 BAR (80psig) minimum Consumption: 14L/minimum (0.5 SCFM) Rate This machine terminates up to 1200 per hour, depending on operator skill and connector size. 1.4 Delivery Check Remove the top and sides of the crate. Then remove the screws that mount the machine to the skid. Check to see that following items are included in this package: Decription: Quantity 11-20-0949 (AM-60520E) 1 Discrete Wire Termination Machine TM-011200949 Instruction Manual 1 63800-8394 Foot Switch Assembly 1 11-31-5302 Nest Cleaning Tool 1 11-31-1744 Carrier Tray 1 1.5 Tools The following tools are recommended for setup and adjustments to the this tool. English Hex Wrench Set (inch) Large and small straight screwdriver Small Crescent Wrench Needle nose pliers Eye Loupe - 5X 1.6 Lifting WARNING: The Molex Hawk Terminator weights 48kg (103 lbs.). It is NOT intended to be lifted by a single individual. The guarding or housing load assemblies are not attached to provide support for lifting purposes. Mechanical lifting devices should be used from below the unit. A person lifting this machine could sustain severe back or other injuries. Care should be taken at all times. An electrical, hydraulic, or mechanical lift should be used to lift this termination machine |
Podobny numer części - AM60570-23 |
|
Podobny opis - AM60570-23 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |