Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51916 Arkusz danych(PDF) 5 Page - Cyrustek corporation

Numer części ES51916
Szczegółowy opis  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51916 Arkusz danych(HTML) 5 Page - Cyrustek corporation

  ES51916_11 Datasheet HTML 1Page - Cyrustek corporation ES51916_11 Datasheet HTML 2Page - Cyrustek corporation ES51916_11 Datasheet HTML 3Page - Cyrustek corporation ES51916_11 Datasheet HTML 4Page - Cyrustek corporation ES51916_11 Datasheet HTML 5Page - Cyrustek corporation ES51916_11 Datasheet HTML 6Page - Cyrustek corporation ES51916_11 Datasheet HTML 7Page - Cyrustek corporation ES51916_11 Datasheet HTML 8Page - Cyrustek corporation ES51916_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
v1.2
11/09/06
5
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, V- = -3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.2
V
Operating supply current
In DCV mode
IDD
Normal operation
1.8
2.0
mA
ISS
In sleep mode
2.5
5
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.05
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
±0.05
%F.S
Input Leakage
-10
1
10
pA
Low battery flag voltage
V- to AGND
-2.4
-2.3
-2.2
V
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Reference voltage
VREF
100KΩ resistor
between VRH and
AGND
-1.33
-1.23
-1.13
V
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.1
3.2
3.3
V
Counter time base period
fOSC = 4MHZ
1
sec
Open circuit voltage for 110Ω range
Ω
and Continuity
Mode
-3.0
V
Open circuit voltage for Ω
measurement (except 110Ω)
-0.38
-0.34
-0.30
V
Internal pull-high to 0V
current
Between V- pin and
HOLD, RANGE,
KEY, FC1~FC5,
BKLIT,MAXMIN
1.2
µA
Between V- pin
and RS232
11
Internal pull-low to V-
current
Between GND Pin
and PWN
1.5
µA
AC frequency response at 1.1000V
range
±1%
40-400
HZ
±5%
400-2000
Sensitivity in VAHZ mode
Input from ADOHZ
Duty cycle=50%
600
mV(Vpp)


Podobny numer części - ES51916_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
More results

Podobny opis - ES51916_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com