Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51928 Arkusz danych(PDF) 5 Page - Cyrustek corporation

Numer części ES51928
Szczegółowy opis  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51928 Arkusz danych(HTML) 5 Page - Cyrustek corporation

  ES51928 Datasheet HTML 1Page - Cyrustek corporation ES51928 Datasheet HTML 2Page - Cyrustek corporation ES51928 Datasheet HTML 3Page - Cyrustek corporation ES51928 Datasheet HTML 4Page - Cyrustek corporation ES51928 Datasheet HTML 5Page - Cyrustek corporation ES51928 Datasheet HTML 6Page - Cyrustek corporation ES51928 Datasheet HTML 7Page - Cyrustek corporation ES51928 Datasheet HTML 8Page - Cyrustek corporation ES51928 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Ver 2.9
5
10/06/25
ES51928
6000 Counts Smart DMM
Electrical Characteristics
TA=25℃, V- = -3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.5
V
IDD
Normal operation
2.5
mA
Operating supply current
In Scan AC/DC mode
ISS
In sleep mode
0.6
2.5
µA
Voltage roll-over error
REV 10MΩ input resistor
±0.1
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
±0.1
%F.S
Input Leakage
-10
1
10
PA
Low battery flag voltage
V- to AGND
-2.4
-2.3
-2.2
V
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.0
3.15
3.3
V
Counter time base period
fOSC = 4MHZ
1
sec
Reference voltage and open circuit
voltage for 600Ω measurement
VREF
100KΩ resistor
between VRH and
AGND
-1.33
-1.23
-1.13
V
Open circuit voltage for Ω
measurement (except 600Ω)
Ω
and Continuity
Mode
-0.86
-0.78
-0.70
V
Internal pull-high to 0V
current
Between V- pin and
HOLD, RANGE,
SEL,FC1-3,FUA,
FA, VON, AON,
CLAMP, BKLIT,
MAXMIN
1.2
µA
±1%
40-400
AC frequency response at 6.000V
Range
±5%
400-2000
HZ
AC input response for scan mode
10
50000
Hz
AC/DC voltage scan mode
sensitivity@1kHz
VR1(10MΩ input
impedance)
300
450
600
mV
AC/DC current scan mode
sensitivity@1kHz
ADP, IVSL and IVSH
8
10
12
mV
RDC scan mode RES sensitivity
Parasitic capacitance
allowed in 6.000MΩ
range
200
pF
RDC scan mode DIODE sensitivity
Forward voltage
0.8
V
RDC scan mode CAP sensitivity
400
pF
Reference voltage temperature
coefficient
TCRF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃
-1.5
1.5
%F.S
6nF – 6.0µF
-5
5
counts
-2.0
2.0
%F.S
Capacitance measurement
accuracy
60µF ~ 60mF
-5
5
counts
Note
:
1.Full Scale


Podobny numer części - ES51928

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
More results

Podobny opis - ES51928

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com