Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51945 Arkusz danych(PDF) 11 Page - Cyrustek corporation

Numer części ES51945
Szczegółowy opis  Dual Display/No Cap
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51945 Arkusz danych(HTML) 11 Page - Cyrustek corporation

Back Button ES51945 Datasheet HTML 7Page - Cyrustek corporation ES51945 Datasheet HTML 8Page - Cyrustek corporation ES51945 Datasheet HTML 9Page - Cyrustek corporation ES51945 Datasheet HTML 10Page - Cyrustek corporation ES51945 Datasheet HTML 11Page - Cyrustek corporation ES51945 Datasheet HTML 12Page - Cyrustek corporation ES51945 Datasheet HTML 13Page - Cyrustek corporation ES51945 Datasheet HTML 14Page - Cyrustek corporation ES51945 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
v2.3
10/06/25
11
ES51945(5000counts)
Dual Display/No Cap
During voltage measurement is in operation (DCV or ACV), the HV indication will be
active when input voltage is larger than 30V or OL in manual range. The HV indication
includes:
HV warning LCD segment active
Buzzer output active if DIS_DGB (pin107) is kept floating
ALARM (pin91) LED output active.
2.2.2 NCV mode
ES51945 supports a non-contact AC voltage measurement, which is called electric field
measurement also. The EF mode is selected by setting function control mode FC1-FC4 =
[1,0,0,1]. The ADC input is configured from ADP pin vs. SGND. When no or less electric
field is detected, the first-display LCD shows “EF” and the second-display LCD shows
“Blank”. If the electric field is detected, the strength will be showed on the second-display
LCD by “-“ not digits type. Level 1(equivalent to 12.5% full scale of ADC) is “-“ and the
level 4(equivalent to 100% full scale of ADC) is “----“. Additional beeper (BUZOUT pin)
and LED alarm (ALARM pin) will be output from ES51945. The frequency of buzzer and
LED alarm depends on the strength of electric field also. The Faster beeper means the
stronger electric field (AC voltage) is sensed.
E F
----
E F
-
E F
--
E F
---
MANU
MANU
MANU
MANU
LEVEL 1 (12.5%)
LEVEL 2 (25%)
LEVEL 3 (50%)
LEVEL 4 (100%)
E F
----
E F
-
E F
--
E F
---
MANU
MANU
MANU
MANU
LEVEL 1 (12.5%)
LEVEL 2 (25%)
LEVEL 3 (50%)
LEVEL 4 (100%)
ADP
88M
EF test circuit
EFin+
100k
SGND
AGND
EFin-
VA-
-400mV


Podobny numer części - ES51945

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
More results

Podobny opis - ES51945

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51950 CYRUSTEK-ES51950 Datasheet
631Kb / 32P
   Dual Display/Cap
logo
OptoDiode Corp
UVG12 OPTODIODE-UVG12 Datasheet
304Kb / 2P
   No cap for maximum responsivity
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Unity Opto Technology
MCE-3L4N-002 UOT-MCE-3L4N-002 Datasheet
119Kb / 2P
   1310 nm No glass Cap LED DIODE
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com