Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51986 Arkusz danych(PDF) 10 Page - Cyrustek corporation

Numer części ES51986
Szczegółowy opis  6000 Count AUTO DMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51986 Arkusz danych(HTML) 10 Page - Cyrustek corporation

Back Button ES51986 Datasheet HTML 6Page - Cyrustek corporation ES51986 Datasheet HTML 7Page - Cyrustek corporation ES51986 Datasheet HTML 8Page - Cyrustek corporation ES51986 Datasheet HTML 9Page - Cyrustek corporation ES51986 Datasheet HTML 10Page - Cyrustek corporation ES51986 Datasheet HTML 11Page - Cyrustek corporation ES51986 Datasheet HTML 12Page - Cyrustek corporation ES51986 Datasheet HTML 13Page - Cyrustek corporation ES51986 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
11/01/05
10
ES51986
6000 Count AUTO DMM
2. Measurement Mode Switching
Measurement mode depends on the logic level of FC1, FC2, FC3, FC4, FC5, and KEY.
When FC5 is HIGH, the measurement modes are listed in the following table.
SLACDC FC1
FC2
FC3
FC4
Mode
Function of KEY
0
1
0
1
1
Voltage Measurement
DCV(initial)
ACV
0
1
1
0
1
Current Measurement(µA)
DCA(initial)
ACA
0
1
1
1
1
Current Measurement(mA)
DCA(initial)
ACA
0
1
0
0
1
Manual Current Measurement(A)
DCA (initial)
ACA
0
0
0
0
0
Auto Current Measurement(A)
DCA (initial)
1
1
0
1
1
Voltage Measurement
ACV (initial)
DCV
1
1
1
0
1
Current Measurement(µA)
ACuA(initial)
DCuA
1
1
1
1
1
Current Measurement(mA)
ACmA (initial)
DCmA
1
1
0
0
1
Manual Current Measurement(A)
ACA (initial)
DCA
1
0
0
0
0
Auto Current Measurement(A)
ACA (initial)
X
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
X
0
1
0
1
Resistance Measurement
Ω ↔ Diode
X
0
0
0
1
Continuity Check
Continuity Diode
X
0
1
1
1
Resistance Measurement
Ω ↔ Continuity ↔Diode
X
0
0
1
0
Frequency Measurement
X
0
1
1
0
Capacitance Measurement
X
0
1
0
0
Temperature(℃)
Ps. X means “don’t care”
When FC5 is LOW, KEY is disable. The corresponding measurement modes are list
below
SLACDC FC1
FC2
FC3
FC4
Mode
0
1
0
1
1
AC Voltage Measurement
0
1
1
0
1
AC Current Measurement(µA)
0
1
1
1
1
AC Current Measurement(mA)
0
1
0
0
1
Manual AC Current Measurement(A)
0
0
0
0
0
Auto AC Current Measurement(A)
1
1
0
1
1
DC Voltage Measurement
1
1
1
0
1
DC Current Measurement(µA)
1
1
1
1
1
DC Current Measurement(mA)
1
1
0
0
1
Manual DC Current Measurement(A)
1
0
0
0
0
Auto DC Current Measurement(A)
X
0
0
1
1
Resistance Measurement
X
0
1
0
1
Resistance Measurement
X
0
0
0
1
Continuity Check
X
0
1
1
1
Diode Measurement
X
0
0
1
0
Frequency Measurement
X
0
1
1
0
Capacitance Measurement
X
0
1
0
0
Temperature(℉)
Ps. X means “don’t care”


Podobny numer części - ES51986

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
More results

Podobny opis - ES51986

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com