Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51998 Arkusz danych(PDF) 3 Page - Cyrustek corporation

Numer części ES51998
Szczegółowy opis  DMM Analog front end/Insulation
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51998 Arkusz danych(HTML) 3 Page - Cyrustek corporation

  ES51998 Datasheet HTML 1Page - Cyrustek corporation ES51998 Datasheet HTML 2Page - Cyrustek corporation ES51998 Datasheet HTML 3Page - Cyrustek corporation ES51998 Datasheet HTML 4Page - Cyrustek corporation ES51998 Datasheet HTML 5Page - Cyrustek corporation ES51998 Datasheet HTML 6Page - Cyrustek corporation ES51998 Datasheet HTML 7Page - Cyrustek corporation ES51998 Datasheet HTML 8Page - Cyrustek corporation ES51998 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ver. 1.7
12/01/12
3
ES51998(60000counts)
DMM Analog front end/Insulation
Pin Description
Pin No
Symbol
Type
Description
1
BUFH
O
High-speed buffer output pin. Connect to integral resistor.
2
CAZH
O
High-speed auto-zero capacitor connection.
3
NC
-
Not connected
4
CL+
IO
Positive connection for reference capacitor of high-resolution A/D.
5
CL-
IO
Negative connection for reference capacitor of high- resolution A/D.
6
CIL
O
High-resolution integrator output. Connect to integral capacitor.
7
CAZL
O
High-resolution auto-zero capacitor connection.
8
BUFL
O
High-resolution Buffer output pin. Connect to integral resistor
9
RAZ
O
Buffer output pin in AZ and ZI phase.
10
OHMC3
O
Filter capacitor connection for resistance mode.
11
OHMC2
O
Filter capacitor connection for resistance mode.
12
OHMC1
O
Filter capacitor connection for resistance mode.
13
VRH
O
Output of band-gap voltage reference. Typically –1.23V
14
VA+
I
De-integrating voltage positive input. The input should be higher than
VA-.
15
VA-
I
De-integrating voltage negative input. The input should be lower than
VA+.
16
EXTSRC
I
External source input available for Res/Diode/ADP mode
17
IRVH1
O
High voltage measurement range1 for insulation R mode
18
IRVH0
O
High voltage measurement range0 for insulation R mode
19
OR1
O
Reference resistor connection for 600.00Ω range
20
VR5
O
Voltage measurement ÷10000 attenuator(1000.0V)
21
VR4
O
Voltage measurement ÷1000 attenuator(600.00V)
22
VR3
O
Voltage measurement ÷100 attenuator(60.000V)
23
VR2
O
Voltage measurement ÷10 attenuator(6.0000V)
24
OVSG
O
Sense low voltage for resistance/voltage measurement
25
VR1
I
Measurement Input. Connect to a precise 10MΩ resistor.
26
OVX
I
Sense input for resistance/capacitance measurement
27
OVH
O
Output connection for resistance measurement
28
OVH1
O
Output connection1 for resistance measurement (optional)
29
IRR5
I
Test mode used (optional)
30
IRR4
I
Current shunt resistor4 connection for insulation R mode
31
IRR3
I
Current shunt resistor3 connection for insulation R mode
32
IRR2
I
Current shunt resistor2 connection for insulation R mode
33
IRR1
I
Current shunt resistor1 connection for insulation R mode
34
IRVG
I
Voltage measurement terminal low-side of shunt resistor
35
IRVL
I
Voltage measurement terminal high-side of shunt resistor
36
SGND
G
Signal Ground.
37
IVSH
I
Current measurement input for 6000.0μA, 600.00mA and 60.000A
modes.
38
IVSL
I
Current measurement input for 600.00μA, 60.000mA.
39
ADP
I
Measurement input in ADP mode.
40
OPIN-
I
Independent operational amplifier negative input
41
OPIN+
I
Independent operational amplifier positive input
42
OPOUT
O
Independent operational amplifier output
43
ACVL
O
DC signal low input in ACV/ACA mode. Connect to negative output
of external AC to DC converter.
44
ACVH
O
DC signal high input in ACV/ACA mode. Connect to positive output
of external AC to DC converter.
45
ADI
I
Negative input of internal AC-to-DC OPAMP.
46
ADO
O
Output of internal AC-to-DC OPAMP.
47
TEST5
O
Buffer output of OVSG
48
CA-
IO
Negative auto-zero capacitor connection for capacitor measurement


Podobny numer części - ES51998

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
More results

Podobny opis - ES51998

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com