Zakładka z wyszukiwarką danych komponentów |
|
SL3C4BLGH Arkusz danych(PDF) 4 Page - Dialight Corporation |
|
SL3C4BLGH Arkusz danych(HTML) 4 Page - Dialight Corporation |
4 / 8 page www.dialight.com StreetSense™ LED Street Light Features and Benefits Electrical Ruggedized driver design and thermal management system ensure maximum energy efficiency and reliability • Dialight’s custom LED drivers are constant current sources well suited for the load and the particular lighting application • Field replaceable, primary fused, output isolated drivers are fully potted and encased in an aluminum extrusion for EMI noise immunity and thermal protection • Offering high efficiency and power factor with ultra low THD, the LED drivers incorporate overload and no load protection circuitry • Universal inputs 100-277V AC, 50/60Hz and 347-480V AC, 50/60Hz • LED Driver MTBF per Telcordia SR-332 – 5,10,040 hrs at 13.8C (average yearly temperature of five major cities) • Safety grommets in casting through-holes prevent abrasions to electrical wire insulation • Robust, integrated 6kV/6kVA or 10kV/10kVA surge protection circuitry incorporate MOVs designed to actively clamp line voltages to safe levels per ANSI/IEEE C62.41.2-2002 Cat C • IP65 rated LED drivers • 7 year full performance warranty with option for 10 years • Factory burn-in (24 hr to avoid infant fatality) Lifetime L70 / TM-21 Lifetime Report at 500mA – Calculated lifetime = 914,000 hrs; Reported lifetime = 60,500 hrs 4 |
Podobny numer części - SL3C4BLGH |
|
Podobny opis - SL3C4BLGH |