Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M40T120A Arkusz danych(PDF) 1 Page - Nell Semiconductor Co., Ltd

Numer części M40T120A
Szczegółowy opis  TRIACs, 40A Sunbberless
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

M40T120A Arkusz danych(HTML) 1 Page - Nell Semiconductor Co., Ltd

  M40T120A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd M40T120A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd M40T120A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd M40T120A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd M40T120A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.nellsemi.com
Page1of5
SEMICONDUCTOR
M40TSeries RoHS
RoHS
TRIACs, 40A
FEATURES
APPLICATIONS
Highcurrenttriac
Lowthermalresistancewithclipbonding
Lowthermalresistanceinsulationceramic
forinsulated TO-3package
Highcommutation capability
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
40
A
V
mA
10to50
600to1200
Sunbberless
PackagesareRoHScompliant
Due to their clip assembly techinque, they provide
asuperiorperformanceinsurgecurrenthandling
capabilities.
Byusinganinternalceramicpad,theM40T series
provides voltage insulated tab (rated at 2500V
)
complyingwithUL standards
RMS
.
SYMBOL
IT RMS
(
)
RMS on state current full sine wave
-
(
)
ITSM
Non repetitive surge peak on state
-
current full cycle T initial = 25 C)
(
, j
°
A
I t
2
I t Value for fusing
2
800
A s
2
dI dt
/
Critical rate of rise of on state current
-
I = 2xl
, t
ns
G
GT
r≤100
50
IGM
Peak gate current
4
PG AV
(
)
Average gate power dissipation
1
PGM
10
W
A µs
/
A
A
UNIT
VALUE
400
420
F=50Hz
F=60Hz
t=20ms
t=16.7ms
tp =10ms
F=100Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20µs
p
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TESTCONDITIONS
TO-3
T =90ºC
c
40
Tstg
Storage temperature range
Operating junction temperature range
- 40
+ 150
to
- 40
+ 125
to
ºC
Tj
Peak gate power dissipation (tp = 20 s)
µ
T =125ºC
j
The snubberless concept offer suppression of RC
network and it is suitable for applications such as
on/off function in static relays, heating regulation,
induction motor starting circuits, phase control
operationinlightdimmers,motorspeedcontrollers,
andsilmilar.
T1
T2
G


Podobny numer części - M40T120A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nell Semiconductor Co.,...
M40T120A NELLSEMI-M40T120A Datasheet
787Kb / 6P
   TRIACs
M40T120A-B NELLSEMI-M40T120A-B Datasheet
787Kb / 6P
   TRIACs
More results

Podobny opis - M40T120A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nell Semiconductor Co.,...
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com