Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA24C32-S Arkusz danych(PDF) 4 Page - Siemens Semiconductor Group

Numer części SLA24C32-S
Szczegółowy opis  32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C32-S Arkusz danych(HTML) 4 Page - Siemens Semiconductor Group

  SLA24C32-S Datasheet HTML 1Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C32-S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SLx 24C32
Semiconductor Group
4
Preliminary 1998-07-27
Ordering Information
Other types are available on request:
– Temperature range (– 55 °C
… + 150 °C)
– Package (die, wafer delivery)
– 3V types with automotive temperature range (–
40 °C … + 125 °C)
1
Pin Configuration
Figure 1
Pin Configuration (top view)
Type
Ordering Code
Package
Temperature
Voltage
SLA 24C32-D
SLA 24C32-D/P
Q67100-H3746
Q67100-H3752
P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C32-S
SLA 24C32-S/P
Q67100-H3748
Q67100-H3753
P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C32-D-3
SLA 24C32-D-3/P
Q67100-H3747
Q67100-H3754
P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C32-S-3
SLA 24C32-S-3/P
Q67100-H3749
Q67100-H3769
P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C32-D
SLE 24C32-D/P
Q67100-H3235
Q67100-H3755
P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C32-S
SLE 24C32-S/P
Q67100-H3236
Q67100-H3756
P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
IEP02125
CC
V
CS1
18
WP
V
7
2
SCL
6
3
SDA
5
4
SS
CS2
CS0
IEP02124
CS0
5
6
7
8
4
3
2
1
V
SS
CS1
WP
CS2
SCL
SDA
CC
V
P-DSO-8-3
P-DIP-8-4


Podobny numer części - SLA24C32-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SLA24C01-D SIEMENS-SLA24C01-D Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3 SIEMENS-SLA24C01-D-3 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3/P SIEMENS-SLA24C01-D-3/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D/P SIEMENS-SLA24C01-D/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-S SIEMENS-SLA24C01-S Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Podobny opis - SLA24C32-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com