Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E101DPWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E101DPWR
Szczegółowy opis  4-CH Bidirectional Low Capacitance ESD Protection Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E101DPWR Arkusz danych(HTML) 1 Page - Texas Instruments

  TPD4E101DPWR Datasheet HTML 1Page - Texas Instruments TPD4E101DPWR Datasheet HTML 2Page - Texas Instruments TPD4E101DPWR Datasheet HTML 3Page - Texas Instruments TPD4E101DPWR Datasheet HTML 4Page - Texas Instruments TPD4E101DPWR Datasheet HTML 5Page - Texas Instruments TPD4E101DPWR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GND
1
2
3
4
TPD4E101
www.ti.com
SLVSBG0 – MAY 2012
4-CH Bidirectional Low Capacitance ESD Protection Device with
15kV Contact and Ultra Low Clamping Voltage
Check for Samples: TPD4E101
1
FEATURES
DEVICE SCHEMATIC
Provides System Level ESD Protection for
Low-voltage IO Interface
IEC 61000-4-2 Level 4
±15kV (Air discharge)
±15kV (Contact discharge)
IO Capacitance < 5pF
Ultra low Leakage Current
Ultra Low Clamping Voltage
Industrial Temperature Range: –40°C to 125°C
Space Saving µQFN package
APPLICATIONS
Cell Phones
eBook
Portable Media Players
Digital Camera
Tablet PC
Set Top Box
DESCRIPTION
The TPD4E101 is a four channel ESD protection device in an ultra small package. It is the industry’s smallest 4-
ch ESD protection device. A larger pitch helps save on PCB manufacturing costs. The device provides
IEC61000-4-2 compliance up to 15kV contact discharge. It has an ESD clamp circuit with back-to-back diodes for
bipolar/bidirectional signal support. The low line capacitance is suitable for a wide range of applications
supporting data rate up to 700Mbps.Typical application areas in portable applications are:
Audio lines (Microphone, Earphone and Speakerphone)
SD interface
SIM interface
Keypad or other buttons
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPD4E101DPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110DPW TI1-TPD4E110DPW Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110DPWR TI1-TPD4E110DPWR Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
More results

Podobny opis - TPD4E101DPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E6B06 TI1-TPD4E6B06 Datasheet
180Kb / 15P
[Old version datasheet]   4-CH Bidirectional Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
   Low Capacitance ESD Protection Device
T0534VL CITC-T0534VL Datasheet
838Kb / 9P
   Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
   Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
   Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
   Low Capacitance ESD Protection Device
T0501MB CITC-T0501MB Datasheet
554Kb / 7P
   Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
   Low Capacitance ESD Protection Device
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com