Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBTA92 Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części SMBTA92
Szczegółowy opis  PNP Silicon Transistors for High Voltages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA92 Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  SMBTA92 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA92 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA92 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA92 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
SMBTA 92
SMBTA 93
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Transition frequency fT = f (IC)
VCE = 20 V, f = 100 MHz
Operating range IC = f (VCE0)
TA = 25 ˚C, D = 0


Podobny numer części - SMBTA92

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92 Datasheet
122Kb / 4P
   PNP Silicon High Voltage Transistor
Feb-18-2002
SMBTA92 INFINEON-SMBTA92 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
SMBTA92 INFINEON-SMBTA92 Datasheet
530Kb / 7P
   PNP Silicon High-Voltage Transistors
2011-12-19
logo
Siemens Semiconductor G...
SMBTA92M SIEMENS-SMBTA92M Datasheet
27Kb / 4P
   PNP Silicon High-Voltage Transistor
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results

Podobny opis - SMBTA92

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SMBTA42 SIEMENS-SMBTA42 Datasheet
137Kb / 4P
   NPN Silicon Transistors for High Voltages
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42 Datasheet
122Kb / 4P
   NPN Silicon Transistor for High Voltages
Feb-21-2003
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
ON Semiconductor
2N6437 ONSEMI-2N6437 Datasheet
77Kb / 8P
   High-Power PNP Silicon Transistors
April, 2001 ??Rev. 2
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com