Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4814 Arkusz danych(PDF) 6 Page - Siemens Semiconductor Group

Numer części TDA4814
Szczegółowy opis  Power Factor Controller IC for High Power Factor and Active Harmonic Filter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4814 Arkusz danych(HTML) 6 Page - Siemens Semiconductor Group

Back Button TDA4814 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 9Page - Siemens Semiconductor Group TDA4814 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Semiconductor Group
6
TDA 4814
Absolute Maximum Ratings
T
A = – 40 to 125 ˚C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Supply voltage
V
S
– 0.3
V
Z
V
V
Z = Z Voltage
Inputs
Comparator
Op Amp
Multiplier
V
ICOMP
V
–I COMP
V
I Op Amp
V
– I Op Amp
V
M1
– 0.3
– 0.3
– 0.3
– 0.3
– 0.3
33
33
6
6
33
V
V
V
V
V
Outputs
Multiplier
Op Amp
V
QM
V
Q Op Amp / IM2
– 0.3
– 0.3
3
6
V
V
V
S > 3 V
Z current
V
S GND
I
Z
0
300
mA
Observe
P
max
Driver output QSIP
V
QSIP
– 0.3
V
S
V
Observe
P
max
QSIP clamping diodes
I
QSIP D
– 10
10
mA
V
Q > VS or
V
Q < – 0.3 V
Input
START
STOP
Output START
STOP
Detector input
V
I START
V
I STOP
V
Q START
V
Q STOP
V
I DET
– 0.3
– 0.3
– 10
– 0.3
0.9
25
33
3
6
6
V
V
V
V
V
see characteristics
see characteristics
Detector clamping diodes
I
I DET
– 10
10
mA
V
I DET > 6 V or
V
I DET < 0.9 V
Capacitance at I START
to ground
C
I START
150
nF
Junction temperature
Storage temperature
T
j
T
stg
– 55
150
125
˚C
˚C
Thermal resistance
system - air
R
th SA
65
K/W


Podobny numer części - TDA4814

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
TDA4817G SIEMENS-TDA4817G Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results

Podobny opis - TDA4814

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com