Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5670-5X Arkusz danych(PDF) 10 Page - Siemens Semiconductor Group

Numer części TDA5670-5X
Szczegółowy opis  Video Modulator for FM/AM-Audio with PLL-Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5670-5X Arkusz danych(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA5670-5X Datasheet HTML 6Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 7Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 8Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 9Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 10Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 11Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 12Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 13Page - Siemens Semiconductor Group TDA5670-5X Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Semiconductor Group
10
TDA 5670-5X
Switch-on, warm-up drift of oscillator frequency; TC-value of capacitor in audio oscillator circuit
is 0, the drift is only based on self-heating of component
∆ f
A/OSC
5
15
kHz
TA = const.;
1
Audio signal
frequency deviation
∆ f
A/OSC
5
10
kHz
VS = 10.0-13.5 V;
Qu = 25
1
AM-Audio
AM-mod. factor
m
20
30
40
%
VAF = 45 mVrms
9
AM-mod.; total
harmonic distortion
THDAM
0.5
3
%
m = 80%;
VAF = 117 mVrms
fAF = 1 kHz
9
Audio preamplifier
input impedance
Z16
25
50
75
k
1
AM-audio modulator
input voltage
VAF
132
mVrms m = 90%;
fAF = 1 kHz
9
Residual carrier FM;
AM-operation
∆ f
20
Hz
without AM-audio
signal QU = 25
1
FM-Audio
FM-mod.; total
harmonic distortion
THDFM
0.6
1.5
%
V1 = 150 mVrms
9
FM-mod.; static
mod. characteristic
∆ f
A/OSC
± 50
± 70
± 90
kHz
∆V
AF= V1-V2 =
± 1 V
1
FM-mod.; dynamic
mod. characteristic
∆ f
A/OSC/
∆V
AF
0.08
0.10
0.13
kHz/
mV
1
Audio preamplifier
input impedance
(dynamic)
Z1
200
k
1
AC/DC-Characteristics (cont’d)
TA = 25
oC; V
S = 12 V
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min.
typ.
max.


Podobny numer części - TDA5670-5X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Podobny opis - TDA5670-5X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
TEMIC Semiconductors
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
Siemens Semiconductor G...
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com