Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34844 Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc

Numer części MC34844
Szczegółowy opis  10 Channel LED Backlight Driver
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844 Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34844_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34844
DEVICE VARIATIONS
DEVICE VARIATIONS
MC34844 is within the MC34844 Specifications Pages 4 to 31, MC34844A is within the MC34844A Specifications Pages 32
to 54
Table 1. Key Device Variations between the MC34844 and MC34844A
Electrical Parameter(1)
Condition
Value
Unit
Maximum LED Current
34844
34844A
55
85
mA
LED Channel Sink Current
34844
34844A
RISET=5.1 k
Ω ±0.1%
RISET=3.48 k
Ω ±0.1%
(typ)
50
80
mA
Switching Frequency
34844
34844A
(BST [1:0]=0)
(BST [1:0]=1)
(BST [1:0]=2) [default]
(BST [1:0]=3)
(BST [1:0]=0)
(BST [1:0]=1)) [default]
(BST [1:0]=2)
(BST [1:0]=3)
(typ)
0.15
0.30
0.60
1.20
0.16
0.32
0.65
1.30
MHz
PWM Frequency Range
34844
34844A
This frequency range applies for Master
mode, Slave mode, and Manual mode
100 - 25000
110 - 27000
Hz
Notes
1.
Refer to the respective Electrical Parameters for specific details


Podobny numer części - MC34844_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Podobny opis - MC34844_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
Microsemi Corporation
LX24232 MICROSEMI-LX24232 Datasheet
52Kb / 2P
   32 Channel BackLight LED Driver
logo
Freescale Semiconductor...
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com