Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13892BJVK Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc

Numer części MC13892BJVK
Szczegółowy opis  Power Management Integrated
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892BJVK Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13892BJVK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MC13892
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. MC13892 Device Variations
Part Number(1)
Notes
Package
Temperature
Range (TA)
Pin Map
Description
MC13892CJVK
MC13892AJVK
(2)
139-PIN
7x7 mm BGA
-40 to +85 °C
Figure 3
Global Reset Function Default ON
(3)
MC13892DJVK
MC13892BJVK
(2) (4)
Global Reset Function Default OFF
(3)
MC13892VK
MC13892JVK
(3)
No Global Reset Function
(3)
MC13892CJVL
MC13892AJVL
(2)
186-PIN
12x12 mm BGA
Figure 4
Global Reset Function Default ON
(3)
MC13892DJVL
MC13892BJVL
(2) (4)
Global Reset Function Default OFF
(3)
MC13892VL
MC13892JVL
(3)
No Global Reset Function
(3)
Notes
1.
For Tape and Reel product, add an “R2” suffix to the part number.
2.
Recommended for all new designs
3.
Not recommended for new designs
4.
Backward compatible replacement part for MC13892VK, MC13892JVK, MC13892VL, MC13892JVL, MC13892BJVK, and
MC13892BJVL


Podobny numer części - MC13892BJVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13892BJVK FREESCALE-MC13892BJVK Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892BJVK FREESCALE-MC13892BJVK Datasheet
5Mb / 156P
   Power Management and User Interface IC
More results

Podobny opis - MC13892BJVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Texas Instruments
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com