Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5940 Arkusz danych(PDF) 6 Page - Siemens Semiconductor Group

Numer części TDA5940
Szczegółowy opis  Video and Sound IF with V & S SCART
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5940 Arkusz danych(HTML) 6 Page - Siemens Semiconductor Group

  TDA5940 Datasheet HTML 1Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 2Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
49
TDA 5940-2
Characteristics
TA = 0 to 85 ˚C; VS = 12 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Total current
I19
46
mA
SCART Switch
H/open = SCART = Pb
L = RF
V21
V21
2
0
5
1.5
V
V
Volume Control Voltage
Minimal volume
Maximal volume
V8
V8
0
3.6
5
V
V
MUTE Voltage
H/open = AF ON
L = AF MUTE
V15
V15
2
0
5
1.5
V
V
Dynamic Parameter
Video IF Section
IF-input sensitivity
V1/2
70
100
µV
VVideo – 3 dB
Max. IF-input voltage
V1/2
100
140
mV
VVideo + 3 dB
IF-control range
V
IF
66
dB
Video demodulator
output voltage
V11pp
1.35
1.5
1.65
V
VIF IN = 10 mV
Gain of SCART Switch
SCART/Video output
Video/SCART output
Video/Video output
G16-17
G12-18
G12-17
2
– 1
2
Cross talk attenuation
a
50
dB
fIN = 0 … 5 MHz


Podobny numer części - TDA5940

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
TDA5931 SIEMENS-TDA5931 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TDA5931-65 SIEMENS-TDA5931-65 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TDA5950 SIEMENS-TDA5950 Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
More results

Podobny opis - TDA5940

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Siemens Semiconductor G...
TDA5931-65 SIEMENS-TDA5931-65 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TBA121-5 SIEMENS-TBA121-5 Datasheet
430Kb / 10P
   FM-Sound IF with SCART Switch and Volume Control
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
   IF Filter for Video and Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com