Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC5661N Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDC5661N
Szczegółowy opis  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5661N Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDC5661N Datasheet HTML 1Page - Fairchild Semiconductor FDC5661N Datasheet HTML 2Page - Fairchild Semiconductor FDC5661N Datasheet HTML 3Page - Fairchild Semiconductor FDC5661N Datasheet HTML 4Page - Fairchild Semiconductor FDC5661N Datasheet HTML 5Page - Fairchild Semiconductor FDC5661N Datasheet HTML 6Page - Fairchild Semiconductor FDC5661N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDC5661N_F085 Rev. A
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TA, AMBIENT TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
1
2
3
4
5
RθJA = 78
oC/W
VGS = 4.5V
VGS = 10V
TA, AMBIENT TEMPERATURE(oC)
Figure 3.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
RθJA = 78
oC/W
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
RθJA = 78
oC/W
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Podobny numer części - FDC5661N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDC5661N VBSEMI-FDC5661N Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC5661N TECHPUBLIC-FDC5661N Datasheet
1Mb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results

Podobny opis - FDC5661N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDM3622 FAIRCHILD-FDM3622_07 Datasheet
222Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com