Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q1354827A Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części Q1354827A
Szczegółowy opis  D Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Q1354827A Arkusz danych(HTML) 6 Page - Vishay Siliconix

  Q1354827A Datasheet HTML 1Page - Vishay Siliconix Q1354827A Datasheet HTML 2Page - Vishay Siliconix Q1354827A Datasheet HTML 3Page - Vishay Siliconix Q1354827A Datasheet HTML 4Page - Vishay Siliconix Q1354827A Datasheet HTML 5Page - Vishay Siliconix Q1354827A Datasheet HTML 6Page - Vishay Siliconix Q1354827A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28511
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
33
D Series
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
Vishay BCcomponents
REEL AND TAPE DATA in millimeters
28 ± 1.5
355.6 ± 2.0
8.0
45 max.
51 max.
Reel with capacitors on tape
290
335
50
Ammopack with capacitors on tape


Podobny numer części - Q1354827A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
Q13.0-JXE42-12-20 JAUCH-Q13.0-JXE42-12-20 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-12-30 JAUCH-Q13.0-JXE42-12-30 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-13-20 JAUCH-Q13.0-JXE42-13-20 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-13-30 JAUCH-Q13.0-JXE42-13-30 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-14-20 JAUCH-Q13.0-JXE42-14-20 Datasheet
70Kb / 2P
   Quartz Crystal
More results

Podobny opis - Q1354827A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com