Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4937 Arkusz danych(PDF) 2 Page - Frontier Electronics.

Numer części 1N4937
Szczegółowy opis  1A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FRONTIER [Frontier Electronics.]
Strona internetowa  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4937 Arkusz danych(HTML) 2 Page - Frontier Electronics.

  1N4937 Datasheet HTML 1Page - Frontier Electronics. 1N4937 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4933 THRU 1N4937
Page: 1
0
20
40
60
80
100
120
140
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON-
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
1.0 CYCLE
Fig. 5-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=75
oC
8.3ms SINGLE HALF
SINE-WAVE JEDEC METHOD
FIG. 3-TYPICAL JUNCTION CAPACITANCE
f = 1 MHz
Vsig = 50 mVp-p
Tj=25
oC
20
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
TJ=100
oC
TJ=25
oC
100
10
1.0
0.1
.01
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
G. 6-TYPICAL INSTANTANEOUS
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
TA-AMBIENT TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
1.0
0.8
0.6
0.4
0.2
0
I(pk)
I(AV)
=
π
RESISTIVE OR
INDUCTIVE LOAD
0.375” (9.5mm)
LEAD LENGTH
CAPACITIVE
LOAD
I(pk)
I(AV)
5
= 10
20


Podobny numer części - 1N4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4937 VISHAY-1N4937 Datasheet
73Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 27-Oct-09
More results

Podobny opis - 1N4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
BA157 FRONTIER-BA157 Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157G FRONTIER-BA157G Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005 FRONTIER-FR10-005 Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
1N4933S FRONTIER-1N4933S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005-LFR FRONTIER-FR10-005-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
1N4933-LFR FRONTIER-1N4933-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157-LFR FRONTIER-BA157-LFR Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157G-LFR FRONTIER-BA157G-LFR Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
R005-LFR FRONTIER-R005-LFR Datasheet
125Kb / 2P
   1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com