Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4747A-LFR Arkusz danych(PDF) 2 Page - Frontier Electronics.

Numer części 1N4747A-LFR
Szczegółowy opis  1 WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FRONTIER [Frontier Electronics.]
Strona internetowa  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4747A-LFR Arkusz danych(HTML) 2 Page - Frontier Electronics.

  1N4747A-LFR Datasheet HTML 1Page - Frontier Electronics. 1N4747A-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4736A-LFR THRU 1N4764A-LFR
Page: 1
Figure 3. Typical Thermal Resistance versus Lead Length
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2 3
5
7
10
20
30
50 70
100
VZ, ZENER CURRENT (mA)
Iz=1mA
5mA
20mA
Tj=25ºC
Iz(ms)=0.1Iz(do
)
f 60h
Figure 4. Effect of Zener Current
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50%OF
BREAKDOWNBIAS
0VBIAS
0VBIAS
FIG.1A- Range for Units to 12 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
4
5
6
7
8
9
10
11 12
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
FIG.1B- Range for Units to 12 to 100 Volts
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
L, LEAD LENGTH TO HEAT SINK (INCHES)
Figure 2. Temperature Coefficients (-55ºC to+150ºC temperature change; 90% of the units are in the ranges indicated.)
+6
+4
+2
0
-2
-4
3
4
5
6
7
8
20mA
1mA
0.01mA
VZ@IZ
TA=25ºC
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
CHANGES IN ZENER CURRENT DO NOT
EFFECT TEMPERATURE COEFFICIENTS
VZ, ZENER VOLTAGE (VOLTS)
1.25
1.0
0.75
0.5
0.25
Figure. 7 - Power Temperature De-rating Curve
0
20
40
60
80
100
120
140
160
180
200
TL, LEAD TEMPERATURE (
OC)


Podobny numer części - 1N4747A-LFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4747A-A DIODES-1N4747A-A Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Pan Jit International I...
1N4747A-G PANJIT-1N4747A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4747A-G PANJIT-1N4747A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4747A-G COMCHIP-1N4747A-G Datasheet
125Kb / 6P
   Glass passivated chip.
logo
Diodes Incorporated
1N4747A-T DIODES-1N4747A-T Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
More results

Podobny opis - 1N4747A-LFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
logo
Compensated Deuices Inc...
1N3821A CDI-DIODE-1N3821A Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
Frontier Electronics.
ZM200-X FRONTIER-ZM200-X Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
logo
Micro Commercial Compon...
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com