Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB350 Arkusz danych(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Numer części SB350
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Strona internetowa  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SB350 Arkusz danych(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SB350 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SB350 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-200V
SCHOTTKY BARRIER RECTIFIERS
3.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
SB320-SB3200
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
Void-free plastic in a DO-201AD package
l
High current operation 3.0 ampere at TL=75 ¢J
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
SB
320
SB
330
SB
340
SB
350
SB
360
SB
380
SB
3100
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum DC Blocking Voltage
VR
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
3.0
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
80
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +125
°C
Thermal Resistance (Note 1)
(Junction to Ambient)
RθJA
30
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
SB
320
SB
330
SB
340
SB
350
SB
360
SB
380
SB
3100
Units
Maximum D.C Reverse Current
At Rated D.C Blocking Voltage
@ TA=25℃
@ TA=100℃
IR
1.0
30.0
mA
Forward Voltage @3A
VF
0.550
0.750
0.850
V
Total Capacitance
@VR=4V, f=1MHz
CT
180
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted


Podobny numer części - SB350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
SB350 DIOTEC-SB350 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Semikron International
SB350 SEMIKRON-SB350 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
DONGGUAN YOU FENG WEI E...
SB350 YFWDIODE-SB350 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Gulf Semiconductor
SB350 GULFSEMI-SB350 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
More results

Podobny opis - SB350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com