Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY448 Arkusz danych(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części BY448
Szczegółowy opis  Standard Avalanche Sinterglass Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY448 Arkusz danych(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY448 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY448 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BY448 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Dimensions in mm (Inches)
Figure 5. Max. Reverse Power Dissipation vs. Junction
Temperature
0
50
100
150
200
250
300
350
400
25
50
75
100
125
150
Tj - Junction Temperature (
°C)
16420
VR =VRRM
PR-Limit
@100 % VR
PR -Limit
@80%VR
Figure 6. Diode Capacitance vs. Reverse Voltage
0
5
10
15
20
25
30
35
0.1
1
10
100
VR- Reverse Voltage(V)
16421
f= 1 MHz
Cathode Identification
0.82 (0.032) max.
Sintered Glass Case
SOD-57
94 9538
26(1.014) min.
26(1.014) min.
ISO Method E
3.6 (0.140)max.
4.0 (0.156) max.
BY448/BY458
Standard Avalanche Sinterglass Diode
http://www.luguang.cn
mail:lge@luguang.cn


Podobny numer części - BY448

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results

Podobny opis - BY448

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com