Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYD37A Arkusz danych(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części BYD37A
Szczegółowy opis  Fast Soft-Recovery Controlled Avalanche Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BYD37A Arkusz danych(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BYD37A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYD37A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特征 FEATURES
. 理想表面粘裝應用。Ideal for surface mounted applications.
. 低漏電。
Low leakage current.
. 玻鈍晶片。
Glass passivated chips.
. 快速轉換。
Fast switching.
. 高溫焊接保証:250℃/10 秒,0.375”(9.5mm)引線長度。
High temperature soldering guaranteed:
250℃/10 seconds/.375”,(9.5mm) lead lengths
機械數據 MECHANICAL DATA
. 封
裝:模型塑膠采用 UL94V-0 公認的火焰延緩环氧树脂。
Case: Molded plastic use UL94V-0 recognized
flame retardant epoxy.
. 端
子:鍍錫端子,可焊性按照 MIL-STD-202 標准,208 方法。
Terminals: Plated terminals, solderable per
MIL-STD-202, method 208
. 极
性:色環端表示陰极。 Polarity: Color band on body denotes cathode.
. 安裝位置:任意。
Mounting position: Any
. 重
量:0.036 克。
Weight: 0.036 gram
極限值和電參數 TA=25℃ 除非另有規定。
單相、正半弦波、60HZ、抗阻或電感負載。為電容裝載,減少電流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.
Single phase, half sine wave, 60HZ, resistive or inductive load.For capacitive load,derate current by 20%.
符號
SYMBOL
BYD
37A
BYD
37B
BYD
37D
BYD
37G
BYD
37J
BYD
37K
BYD
37M
UNITS
最大峰值反向電壓
Maximum Current Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
Volts
最大反向有效電壓
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
最大直流阻斷電壓
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
Volts
最大正向平均整流電流
Maximum Average Forward Rectified Current TT=55℃
I(AV)
1.0
Amps
正向峰值浪涌電流
Peak Forward Surge Current Single Sine-wave on
Rated Load (JEDEC Method)
IFSM
Amps
1.0A直流電時最大正向瞬間電壓降
Maximum Instantaneous Forward Voltage Drop at
1.0A DC
VF
1.3
Volts
最大反向漏電流
Maximum DC Reverse Current
TA=25℃
at Rated DC Blocking Voltage
TA=125℃
IR
5.0
100.0
µA
最大反向恢復時間
Maximum Reverse Recovery Time , Test Conditions:
IF=0.5A, IR=1.0A, IRR=0.25A
Trr
150
250
nS
典型結電容
VR= 4.0V,f = 1.0MHZ
Typical Junction Capacitance
CJ
15
pF
工作溫度和存儲溫度
Operating Junction And Storage Temperature Range
TJ
TSTG
-55 to +150
BYD37 Series
Fast Soft-Recovery Controlled Avalanche Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn
300
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
DO-213AB
Dimensions in millimeters


Podobny numer części - BYD37A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
BYD37A LUGUANG-BYD37A Datasheet
199Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
More results

Podobny opis - BYD37A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com