Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54AT Arkusz danych(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części BAT54AT
Szczegółowy opis  Surface Mount Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAT54AT Arkusz danych(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAT54AT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAT54AT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage drop.
Fast switching.
Ultra-small surface mount package.
BAT54T
BAT54AT
PN junction guard ring for transient and
ESD protection.
BAT54CT
BAT54ST
Schottky barrier diodes.
Type No.
Marking
Package Code
BAT54T
L1
SOT-523
BAT54AT
L2
SOT-523
BAT54CT
L3
SOT-523
BAT54ST
L4
SOT-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
30
V
IF
Forward continuous voltage
200
mA
IFRM
Repetitive peak forward voltage
300
mA
IFSM
Non-repetitive peak forward surge current
@t<1.0s
600
mA
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
/W
Tj,Tstg
Junction and Storage Temperature
-65~150
BAT54T/AT/CT/ST
Surface Mount Schottky Barrier Diodes
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOT-523
http://www.luguang.cn
mail:lge@luguang.cn


Podobny numer części - BAT54AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT54AT DIODES-BAT54AT Datasheet
176Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Micro Commercial Compon...
BAT54AT MCC-BAT54AT Datasheet
308Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Weitron Technology
BAT54AT WEITRON-BAT54AT Datasheet
491Kb / 3P
   Surface Mount Schottky Diodes
logo
DONGGUAN YOU FENG WEI E...
BAT54AT YFWDIODE-BAT54AT Datasheet
518Kb / 3P
   Schottky Diodes
logo
Diodes Incorporated
BAT54AT DIODES-BAT54AT Datasheet
362Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
More results

Podobny opis - BAT54AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com