Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YW80C196NU40 Arkusz danych(PDF) 6 Page - Intel Corporation

Numer części YW80C196NU40
Szczegółowy opis  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

YW80C196NU40 Arkusz danych(HTML) 6 Page - Intel Corporation

Back Button YW80C196NU40 Datasheet HTML 2Page - Intel Corporation YW80C196NU40 Datasheet HTML 3Page - Intel Corporation YW80C196NU40 Datasheet HTML 4Page - Intel Corporation YW80C196NU40 Datasheet HTML 5Page - Intel Corporation YW80C196NU40 Datasheet HTML 6Page - Intel Corporation YW80C196NU40 Datasheet HTML 7Page - Intel Corporation YW80C196NU40 Datasheet HTML 8Page - Intel Corporation YW80C196NU40 Datasheet HTML 9Page - Intel Corporation YW80C196NU40 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
2
PRELIMINARY
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
2.0
NOMENCLATURE OVERVIEW
Figure 2. The 8XC196NU Family Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in Options
no mark
Commercial operating temperature range (0°C to 70°C)
with Intel standard burn-in.
Packaging Options
SQFP
SB
SQFP
Program–memory Options
0
Without ROM
3ROM
Process Information
C
CHMOS
Product Family
196NU
Device Speed
no mark
40 MHz
50
50 MHz
XXXXX
XX
X
X
8
XX
X
A2815-01


Podobny numer części - YW80C196NU40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
InnovASIC, Inc
YW80C186EB20 INNOVASIC-YW80C186EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C186EB25 INNOVASIC-YW80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C188EB20 INNOVASIC-YW80C188EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C188EB25 INNOVASIC-YW80C188EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Podobny opis - YW80C196NU40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
80296SA INTEL-80296SA Datasheet
349Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com