Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM4002-M Arkusz danych(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części FM4002-M
Szczegółowy opis  1.0A Surface Mount General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM4002-M Arkusz danych(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM4002-M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM4002-M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
Rating and characteristic curves (FM4001-M THRU FM4007-M)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
T =100 C
J
T =25 C
J
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
T =25 C
J
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
FM4001-M - FM4007-M
1.0A Surface Mount General Purpose Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Podobny numer części - FM4002-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM4002-M FORMOSA-FM4002-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4002-M PACELEADER-FM4002-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Formosa MS
FM4002-M FORMOSA-FM4002-M Datasheet
98Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON TIFIER
FM4002-MH FORMOSA-FM4002-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4002-MH PACELEADER-FM4002-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Podobny opis - FM4002-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
   Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
logo
Compact Technology Corp...
S2AA CTC-S2AA_15 Datasheet
61Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com