Zakładka z wyszukiwarką danych komponentów |
|
LF-260N Arkusz danych(PDF) 11 Page - NEC |
|
LF-260N Arkusz danych(HTML) 11 Page - NEC |
11 / 51 page Noise Filters VOL.11 11 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 LF Series Small Current Type with Screw Terminal [RoHS Compliant] LF Series Small Current Type with Screw Terminal [RoHS Compliant] bLF-205A, LF-205P bLF-215U bLF-210, 210N, 210P, LF-215, 215N, 215P IN E 95 105 115 16 16 8-4.5ø 5-M4 25 50 Label 63 72 81 13.5 13.5 IN 6-3.5ø 4-M3 15 33 IN 95 107 115 16 16 50 25 2-4.5ø 4-M4 Label Label *Recommended torque (N・m) max. ◆Line terminal (M3: 0.49) *Recommended torque (N・m) max. ◆Line terminal (M4: 0.78) *Recommended torque (N・m) max. ◆Line terminal (M4: 0.78) ◆Earth terminal (M4: 1.18) Shape and Dimensions bLF-205A, 205P, 215U bLF-210, 215, 210P, 215P bLF-210N, 215N IN E IN E IN Circuit Diagram LF-205A 250 5 1500 300 1 1.5 30 –20 to +55 170 LF-205P 250 5 2000 300 1 1.5 30 –20 to +55 170 LF-210 250 10 1500 300 1 1.5 30 –20 to +55 UL 590 LF-215 250 15 1500 300 1 1.5 30 –20 to +55 620 LF-215U 250 15 1500 300 1 1.5 30 –20 to +55 UL 620 LF-210N 250 10 1500 300 1 1.5 30 –20 to +55 650 LF-210P 250 10 2000 300 1 1.5 30 –20 to +55 590 LF-215N 250 15 1500 300 1 1.5 30 –20 to +55 650 LF-215P 250 15 2000 300 1 1.5 30 –20 to +55 620 Rated Rated WithstandingInsulation resistance Leakage Voltage Self- Operating Model voltage current voltage 1 min., 500VDC 1 min., currentdrop temperature temperatureCertified Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, 50Hz, rise range standard (g) AC (V) (M ) min. (mA) max. (V) max. (K) max. (˚C) [mm] Casing Type Metal box |
Podobny numer części - LF-260N |
|
Podobny opis - LF-260N |